Part Number Hot Search : 
1A17BEL 74LVC1 U12JZ47A SC413 0C12W 3PMT48A 152MP 118ABP
Product Description
Full Text Search
 

To Download 0026192071 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/26/2010 please check www.molex.com for latest part information part number: 0026192071 status: active overview: kk description: 3.96mm (.156") pitch kk? wire-to-board header, vertical, round pin, with polarizing wall, 7 circuits, tin (sn) plating documents: 3d model product specification ps-99020-0087 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72090224 general product family pcb headers series 3190 application wire-to-board overview kk product name kk? physical breakaway no circuits (loaded) 7 circuits (maximum) 7 color - resin natural durability (mating cycles max) 25 first mate / last break no flammability 94v-2 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.175 in pc tail length (mm) 4.45 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.156 in pitch - mating interface (mm) 3.96 mm plating min: mating (in) 200 plating min: mating (m) 5 plating min: termination (in) 200 plating min: termination (m) 5 polarized to pcb no shrouded partial stackable no temperature range - operating 0c to +75c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 3190 series mates with 3069 kk? crimp terminal housing. 3215 kk? pc board connector
termination interface: style through hole electrical current - maximum per contact 7a voltage - maximum 250v solder process data lead-free process capability wave capable (th only) material info old part number 319007a reference - drawing numbers product specification ps-99020-0087 sales drawing sdae-3190-n** this document was generated on 05/26/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0026192071

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X